Part Number Hot Search : 
PC150 CY7C148 S2C21 P0080SB BC857AR 122A25 M25CL SA676
Product Description
Full Text Search
 

To Download MAC228A-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 1999 february, 2000 rev. 1 1 publication order number: mac228a/d     preferred device     
 
 silicon bidirectional thyristors designed primarily for industrial and consumer applications for full wave control of ac loads such as appliance controls, heater c ontrols, motor controls, and other power switching applications. ? sensitive gate triggering in 3 modes for ac triggering on sinking current sources ? four mode triggering for drive circuits that source current ? all diffused and glasspassivated junctions for parameter uniformity and stability ? small, rugged, thermowatt construction for low thermal resistance and high heat dissipation ? center gate geometry for uniform current spreading ? device marking: logo, device type, e.g., mac228a4, date code maximum ratings (t j = 25 c unless otherwise noted) rating symbol value unit peak repetitive offstate voltage (1) (t j = 40 to 110 c, sine wave, 50 to 60 hz, gate open) mac228a4 mac228a6 mac228a8 mac228a10 v drm, v rrm 200 400 600 800 volts on-state rms current (t c = 80 c) full cycle sine wave 50 to 60 hz i t(rms) 8.0 amps peak nonrepetitive surge current (one full cycle sine wave, 60 hz, t j = 110 c) i tsm 80 amps circuit fusing considerations (t = 8.3 ms) i 2 t 26 a 2 s peak gate current (t  2 m s, t c = 80 c) i gm  2.0 amps peak gate voltage (t  2 m s, t c = 80 c) v gm  10 volts peak gate power (t  2 m s, t c = 80 c) p gm 20 watts average gate power (t  8.3 ms, t c = 80 c) p g(av) 0.5 watt operating junction temperature range t j 40 to 110 c storage temperature range t stg 40 to 150 c mounting torque e 8.0 in. lb. (1) v drm and v rrm for all types can be applied on a continuous basis. blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded. triacs 8 amperes rms 200 thru 800 volts device package shipping ordering information mac228a4 to220ab 500/box mac228a6 to220ab to220ab case 221a style 4 1 2 3 4 pin assignment 1 2 3 gate main terminal 1 main terminal 2 4 main terminal 2 http://onsemi.com 500/box mt1 g mt2 preferred devices are recommended choices for future use and best overall value. mac228a8 to220ab 500/box mac228a10 to220ab 500/box
mac228a series http://onsemi.com 2 thermal characteristics characteristic symbol value unit thermal resistance e junction to case thermal resistance e junction to ambient r q jc r q ja 2.0 62.5 c/w maximum lead temperature for soldering purposes 1/8 from case for 10 seconds t l 260 c electrical characteristics (t c = 25 c unless otherwise noted; electricals apply in both directions) characteristic symbol min typ max unit off characteristics peak repetitive blocking current (v d = rated v drm , v rrm ; gate open) t j = 25 c t j = 110 c i drm , i rrm e e e e 10 2.0 m a ma on characteristics peak on-state voltage (i tm =  11 a peak, pulse width  2 ms, duty cycle  2%) v tm e e 1.8 volts gate trigger current (continuous dc) (v d = 12 v, r l = 100 w ) mt2(+), g(+); mt2(+), g(); mt2(), g() mt2(), g(+) i gt e e e e 5.0 10 ma gate trigger voltage (continuous dc) (v d = 12 v, r l = 100 w ) mt2(+), g(+); mt2(+), g(); mt2(), g() mt2(), g(+) v gt e e e e 2.0 2.5 volts gate nontrigger voltage (continuous dc) (v d = 12 v, t c = 110 c, r l = 100 w ) all four quadrants v gd 0.2 e e volts holding current (v d = 12 vdc, initiating current =  200 ma, gate open) i h e e 15 ma gatecontrolled turnon time (v d = rated v drm , i tm = 16 a peak, i g = 30 ma) t gt e 1.5 e m s dynamic characteristics critical rate of rise of off-state voltage (v d = rated v drm , exponential waveform, t c = 110 c) dv/dt e 25 e v/ m s critical rate of rise of commutation voltage (v d = rated v drm , i tm = 11.3 a, commutating di/dt = 4.1 a/ms, gate unenergized, t c = 80 c) dv/dt(c) e 5.0 e v/ m s
mac228a series http://onsemi.com 3 + current + voltage v tm i h symbol parameter v drm peak repetitive forward off state voltage i drm peak forward blocking current v rrm peak repetitive reverse off state voltage i rrm peak reverse blocking current voltage current characteristic of triacs (bidirectional device) i drm at v drm on state off state i rrm at v rrm quadrant 1 mainterminal 2 + quadrant 3 mainterminal 2 v tm i h v tm maximum on state voltage i h holding current mt1 (+) i gt gate (+) mt2 ref mt1 () i gt gate (+) mt2 ref mt1 (+) i gt gate () mt2 ref mt1 () i gt gate () mt2 ref mt2 negative (negative half cycle) mt2 positive (positive half cycle) + quadrant iii quadrant iv quadrant ii quadrant i quadrant definitions for a triac i gt + i gt all polarities are referenced to mt1. with inphase signals (using standard ac lines) quadrants i and iii are used.
mac228a series http://onsemi.com 4 i t(rms) , rms onstate current (amp) 6.0 0 104 98 92 5.0 1.0 2.0 3.0 4.0 110 t 7.0 8.0 i t(rms) , rms onstate current (amp) p , case temperature ( c) c 6.0 0 4.0 2.0 0 5.0 1.0 2.0 3.0 4.0 7.0 8.0 , average power (watts) (av) 120 90 60 30 180 120 90 60  = 30 6.0 8.0 10 86 80 dc dc t j 110 c a a a = conduction angle a a a = conduction angle  = 180 figure 1. rms current derating figure 2. onstate power dissipation
mac228a series http://onsemi.com 5 package dimensions style 4: pin 1. main terminal 1 2. main terminal 2 3. gate 4. main terminal 2 to220ab case 221a07 issue z notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.014 0.022 0.36 0.55 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 1.15 z 0.080 2.04 a k l v g d n z h q f b 123 4 t seating plane s r j u t c
mac228a series http://onsemi.com 6 notes
mac228a series http://onsemi.com 7 notes
mac228a series http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent r ights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into t he body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1418549 phone : 81357402745 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mac228a/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (mf 1:00pm to 5:00pm munich time) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (mf 1:00pm to 5:00pm toulouse time) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (mf 12:00pm to 5:00pm uk time) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, england, ireland


▲Up To Search▲   

 
Price & Availability of MAC228A-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X